PART |
Description |
Maker |
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
74LVT2244MTC08 74LVTH2244MTC08 74LVT2244SJ08 74LVT |
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs and 25
|
Fairchild Semiconductor
|
74LVQ241SC |
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVX240MSCX |
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
74LVX541SJ 74LVX541 74LVX541M 74LVX541MTC 74LVX541 |
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCX540_06 74LCX540 74LCX540BQX 74LCX540MSA 74LCX |
Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
HCS240MS FN3562 HCS240D HCS240DMSR HCS240HMSR HCS2 |
Radiation Hardened Octal Buffer/Line Driver, Three-State Driver, Buffer/Line, Inverter, Tri-State, Octal, Rad-Hard, High-Speed, CMOS, Logic Radiation Hardened Octal Buffer/Line Driver, Three-State(抗辐射八缓冲线驱动器(三态)) From old datasheet system Radiation Hardened Octal Buffer/Line Driver/ Three-State
|
INTERSIL[Intersil Corporation]
|
74LVX240 74LVX240M 74LVX240MTC 74LVX240SJ |
From old datasheet system Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
|
Fairchild Semiconductor
|
74LVX244 74LVX244M 74LVX244MTC 74LVX244SJ 74LVX244 |
Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor
|
BXB100-48S05FLT BXB100-48S15FLT BXB100 BXB100-24S1 |
Low voltage octal bus buffer with 3 state outputs (non inverted) Quad exclusive OR gate Quad bilateral switch Low voltage octal bus buffer with 3 state outputs (inverted) Low voltage CMOS octal D-type latch with 3 state outputs non inverting Low voltage CMOS quad 2-input OR gate Octal D-type flip flop with clear 66-100W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
74ABT2541 74ABT2541CMSA 74ABT2541CMTC 74ABT2541CSC |
Octal Buffer/Line Driver with 25 Ohm Series Resistors in the Outputs [Advanced] Octal Buffer/Line Driver with 25?/a> Series Resistors in the Outputs Octal Buffer/Line Driver with 25з Series Resistors in the Outputs Octal Buffer/Line Driver with 25 Series Resistors in the Outputs From old datasheet system Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs 8-Bit Non-Inverting Buffer/Driver
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|